Part Number Hot Search : 
01K05FKE 01547 3DD10 MC3420P 28F640C3 10D112K NM60N BCW70
Product Description
Full Text Search
 

To Download P0721Q22CLRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sidactor ? protection thyristors 97 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection fixed voltage q2l series are uni-directional sidactor ? devices designed to protect slics (subscriber line interface circuit) from damaging overvoltage transients. the series provides single line protection using a ?xed voltage switching device for negative surges. all positive surges are routed through an internal diode to a ground reference. the small size of the q2l makes it ideal for high density applications. electrical characteristics description features and bene?ts agency approvals part number marking v drm @i drm =5a v s @100v/s i h i s i t v t @i t =2.2 amps v f capacitance @1mhz @ 2v bias v min v max ma min ma max a max v max v max pf min pf max p0641q22clrp p61c 58 77 150 800 2.2 4 5 35 75 P0721Q22CLRP p71c 65 88 150 800 2.2 4 5 25 45 p0901q22clrp p91c 75 98 150 800 2.2 4 5 55 85 p1101q22clrp p10c 95 130 150 800 2.2 4 5 50 75 p1301q22clrp p13c 120 160 150 800 2.2 4 5 45 70 p1701q22clrp p17c 160 200 150 800 2.2 4 5 45 70 applicable global standards pinout designation schematic symbol agency agency file number e133083 fixed voltage q2l series 3.3x3.3 qfn t integrated diode for positive voltage surges t low pro?le t small footprint qfn package t low on-state voltage t does not degrade with use t fails short circuit when surged in excess of ratings t tia-968-a t tia-968-b t itu k.20/21/enhanced level t itu k.20/21/basic level t gr 1089 inter-building t gr-1089 intra-building t iec 61000-4-5 t yd/t 950 t yd/t 993 t yd/t 1082 (t/r) (g) cathode indicator notes: - absolute maximum ratings measured at t a = 25oc (unless otherwise noted). - devices are uni-directional
sidactor ? protection thyristors 98 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection series i pp i tsm di/dt 2x10s 1.2x50s/8x20s 10x160s 10x560s 10x1000s 50 / 60hz a min a min a min a min a min a min amps/s max c 500 400 200 150 100 30 500 surge ratings package symbol parameter value unit 3.3x3.3 qfn t j operating junction temperature range up  c t s storage temperature range up  c r 0 ja thermal resistance: junction to ambient 120 c/w thermal considerations 50 100 0 t r t d 0 peak value half value t C time (s) i pp C peak pulse current C %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d v-i characteristics t r x t d pulse waveform -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) C c percent of v s change C % 2 5 c 25c case temperature (t c ) - oc 2.0 1. 8 1. 6 1. 4 1. 2 1. 0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 ratio of i h i h (t c = 2 5 oc) normalized v s change vs. junction temperature normalized dc holding current vs. case temperature notes: - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp sbujohtbqqmjdbcmfpwfsufnqfsbuvsfsbohfpg?$up ?$ - the device must initially be in thermal equilibrium with -40c < t j <  ?$ i h i drm v drm v t +v +i v s i s i t v f -v -i
sidactor ? protection thyristors 99 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature (t 25oc to peak) ramp-down ramp-up preheat critical zone t l to t p figure 1 soldering parameters physical speci?cations environmental speci?cations lead material copper alloy terminal finish 100% matte-tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 high temp voltage blocking 80% rated v drm (v dc
 ?$ps ?$ ps 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 temp cycling ?$up ?$ njoexfmm vqup cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 v dc  ?$
3) vqupist&*" jedec, jesd22-a-101 high temp storage ?$ist.*-45% .fuipe
 jedec, jesd22-a-101 low temp storage -65c, 1008 hrs. thermal shock ?$up ?$ njoexfmm tfdusbotgfs  10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 resistance to solder heat ?$ tfdt.*-45% .fuipe
moisture sensitivity level 3)  ?$ ist sfnpxdzdmft ?$ peak). jedec-j-std-020, level 1 part marking part numbering part marking code (refer to electrical characteristics table) date code cathode indicator terminals on back xxxx xxxxx re?ow condition pb-free assembly (see fig. 1) pre heat - temperature min (t s(min) ) ?$ - temperature max (t s(max) ) ?$ - time (min to max) (t s ) 60-180 secs. average ramp up rate (liquidus temp (t l ) to peak) 3c/sec. max. t s(max) to t l - ramp-up rate 3c/sec. max. re?ow - temperature (t l ) (liquidus) ?$ - temperature (t l ) 60-150 secs. peak temp (t p )  
?$ time within 5c of actual peak temp (t p ) 30 secs. max. ramp-down rate 6c/sec. max. time 25c to peak temp (t p ) 8 min. max. do not exceed ?$ construction variable reel pack i pp rating package type rohs compliant type p=sidactor q22 c l rp median voltage p xxx 1
sidactor ? protection thyristors 100 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection package type description quantity added suffix industry standard q22 3.3x3.3 qfn tape and reel pack 5000 rp eia-481-d packing options dimensions inches millimeters min max min max a 0.126 0.134 3.200 3.400 b 0.126 0.134 3.200 3.400 c 0.075 0.083 1.900 2.100 e 0.011 0.019 0.285 0.485 f 0.088 0.096 2.230 2.430 h 0.035 0.043 0.900 1.100 j 0.000 0.008 0.000 0.200 k1 0.004 0.012 0.100 0.300 k2 0.004 0.012 0.100 0.300 m1 0.063 0.071 1.610 1.810 m2 0.045 0.053 1.153 1.353 n1 0.095 0.103 2.420 2.620 n2 0.082 0.090 2.080 2.280 2. 5 4 (.100) h 1. 5 0 (.0 5 9) 1.27 (.0 5 0) k 1 n2 n1 end view side view m2 m1 k 2 f e c j b a top view bottom view recommended soldering pad outline (reference only) dimensions 3.3x3.3 qfn a b d c w 1 n reel dimension k 0 p 0 p 1 w d 0 a 0 d 1 p 2 e 2 f w 0 carrier tape cover tape t e 1 b 0 tape dimension items trailer 160mm mi n leader 400mm min start end carrier tape cover tape tape leader and trailer dimensions cathode indicator tape and reel dimension 3.3x3.3 qfn description inches millimeters min max min max a reel diameter n/a 12.992 n/a 330.0 b drive spoke width 0.059 n/a 1.50 n/a c arbor hole diameter 0.504 0.531 12.80 13.50 d drive spoke diameter 0.795 n/a 20.20 n/a n hub diameter 1.969 n/a 50.00 n/a w 1 reel inner width at hub 0.488 0.567 12.40 14.40 a 0 pocket width at bottom 0.138 0.146 3.50 3.70 b 0 pocket length at bottom 0.138 0.146 3.50 3.70 d 0 feed hole diameter 0.059 0.063 1.50 1.60 d 1 pocket hole diameter 0.059 n/a 1.50 n/a e 1 feed hole position 1 0.065 0.073 1.65 1.85 e 2 feed hole position 2 0.400 0.408 10.15 10.35 f feed hole center-pocket hole 0.215 0.219 5.45 5.55 k 0 pocket depth 0.039 0.051 1.00 1.30 p 0 feed hole pitch 0.153 0.161 3.90 4.10 p 1 component spacing 0.311 0.319 7.90 8.10 p 2 feed hole center-pocket hole 0.077 0.081 1.95 2.05 t carrier tape thickness 0.010 0.014 0.25 0.35 w embossed carrier tape width 0.453 0.484 11.50 12.30 w 0 cover tape width 0.358 0.366 9.10 9.30


▲Up To Search▲   

 
Price & Availability of P0721Q22CLRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X